Part Number Hot Search : 
EL4093C KBPC8 TSOP2230 MAB03048 OPB704 LA4182 1103E SLG55031
Product Description
Full Text Search
 

To Download LET9130 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LET9130
RF POWER TRANSISTORS Ldmos Enhanced Technology
PRELIMINARY DATA
N-CHANNEL ENHANCEMENT-MODE LATERAL MOSFETs * IS-95 CDMA: 865-895 MHz / 28 V POUT = 25 W EFF. = 29 % * EDGE: 920-960 MHz / 28 V POUT = 45 W EFF. = 38 % * GSM: 920-960 MHz / 28 V POUT = 135 W EFF. = 51 % * EXCELLENT THERMAL STABILITY * BeO FREE PACKAGE * INTERNAL INPUT MATCHING * ESD PROTECTION
1 ORDER CODE LET9130
M265 epoxy sealed BRANDING LET9130
PIN CONNECTION
DESCRIPTION The LET9130 is a common source N-Channel enhancement-mode lateral Field-Effect RF power transistor designed for broadband commercial and industrial applications at frequencies up to 1.0 GHz. The LET9130 is designed for high gain and broadband performance operating in common source mode at 28 V. Its internal matching makes it ideal for base station applications requiring high linearity. ABSOLUTE MAXIMUM RATINGS (TCASE = 25 C)
Symbol V(BR)DSS VGS ID PDISS Tj TSTG Drain-Source Voltage Gate-Source Voltage Drain Current Power Dissipation (@ Tc = 70 C) Max. Operating Junction Temperature Storage Temperature Parameter Value 65
2 3 1. Drain 2. Source 3. Gate
Unit V V A W C C
-0.5 to +15 15 217 200 -65 to +200
THERMAL DATA
Rth(j-c) Junction -Case Thermal Resistance 0.6 C/W
February, 6 2003
1/6
LET9130
ELECTRICAL SPECIFICATION (TCASE = 25 C) STATIC (Per Section)
Symbol V(BR)DSS IDSS IDSS IGSS VGS(Q) VDS(ON) GFS COSS CRSS VGS = 0 V VGS = 0 V VGS = 0 V VGS = 5 V VDS = 26 V VGS = 10 V VDS = 10 V VGS = 0 V VGS = 0 V ID = 10 A VDS = 26 V VDS = 65 V VDS = 0 V ID = TBD ID = 3 A ID = 9 A VDD = 28 V VDS = 26 V f = 1 MHz f = 1 MHz 3 0.19 12 90 4.8 Test Conditions Min. 65 1 10 1 5 0.4 Typ. Max. Unit V A A A V V mho pF pF
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
DYNAMIC (f = 920-960 MHz)
P1dB D GP Load mismatch POUT(EDGE) VDD = 28 V VDD = 28 V VDD = 28 V IDQ = 1 A IDQ = 1 A IDQ = 1 A POUT = 130 W POUT = 130 W POUT = 130 W 120 48 15 135 51 16 10:1 W % dB VSWR
VDD = 28 V IDQ = 1 A ALL PHASE ANGLES 400 KHz < -60 dBc 600 KHz < -70 dBc EVM < 3 % 400 KHz < -60 dBc 600 KHz < -70 dBc EVM < 3 %
45
W
D(EDGE)
38
%
DYNAMIC (f = 865-895 MHz)
P1dB D Load mismatch POUT(CDMA)(1) Gp(CDMA) D(CDMA)(1)
(1) IS-95 CDMA
VDD = 28 V VDD = 28 V
IDQ = 1 A IDQ = 1 A POUT = 135 W POUT = 135 W
120 50
135 55 10:1 25
W % VSWR W dB %
VDD = 28 V IDQ = 1 A ALL PHASE ANGLES 750 KHz ACPR: -45dBc 1.98 MHz ACPR: -60dBc VDD = 26 V
IDQ = 800 mA
POUT = 25 W
16
17 29
750 KHz ACPR: -45dBc 1.98 MHz ACPR: -60dBc
Pilot, Sync, Paging, Traffic, Codes 8 Thru 13
ESD PROTECTION CHARACTERISTICS
Test Conditions Human Body Model Machine Model 2/6 Class 2 M3
LET9130
TYPICAL PERFORMANCE Power Gain Vs Output Power
18
Efficiency Vs Output Power
60
17
50
Idq = 800 mA Idq = 1 A
16 Gp (dB)
40 Nd (%)
Idq = 600 mA
15
30
14
20
13
10
Vdd = 28 V f = 940 MHz
12 0 50 100 Pout (W) 150 200
Vdd = 28 V f = 940 MHz Idq = 1 A
0 50 100 Pout (W) 150 200
0
Input Return Loss Vs Output Power
-10
Power Gain Vs Output Power
18
-15
17
16
-20 RL (dB)
Tc = 25 C
Gp (dB)
-25
15
Tc = 85 C
14
Tc = 50 C
-30
Vdd = 28 V f = 940 MHz Idq = 1 A
-35 0 50 100 Pout (W) 150 200
13
f = 940 MHz Idq = 1 A Vdd=28V
12 0 50 100 Pout (W) 150 200
Power Gain Vs Output Power
18
17
16 Gp (dB)
Vdd = 30 V
15
Vdd = 28 V
14
Vdd = 26 V Vdd = 24 V f = 940 MHz Idq = 1 A
13
12 0 50 100 Pout (W) 150 200
3/6
LET9130
TYPICAL PERFORMANCE (BROADBAND) Gain-Efficiency Vs Frequency
18 80
Return Loss Vs Frequency
-5
17
Gp
70
-10
-15
60
16 Gp (dB)
15
Nd
50
RL (dB)
Nd (%)
-20
-25
14
40
-30
13 Pout = 130 W Vdd = 28 V Idq = 1 A 30
-35
Pout=130 W Vdd = 28 V Idq = 1 A 920 930 940 f (MHz) 950 960 970
12 910
20 920 930 940 f (MHz) 950 960 970
-40 910
EVM-Efficiency Vs Output Power
12 Vdd = 28 V Idq = 600 mA f = 960 MHz 60
Spectral Regrowth Vs Output Power
-50
10
50
-55
8 EVM (%)
40 Nd (%)
Spectral Regrowth (dBc)
-60
-65
@ 400 KHz
6 Nd 4
30
-70
20
-75 @ 600 KHz -80 Vdd =28 V Idq = 600 mA f = 960 MHz
2
EVM
10
0 1 10 Pout (W) 100
0
-85 1 10 Pout (W) 100
4/6
LET9130 M265 (.370 x .780 WIDE 2/L N/HERM W/FLG) MECHANICAL DATA
mm Inch MAX 12.83 5.33 9.91 20.02 34.16 0.15 1.14 1.70 4.32 9.53 28.19 3.51 MIN. .495 .170 .380 .772 1.335 .003 .035 .057 .125 .365 1.090 .118 TYP. MAX .505 .210 .390 .788 1.345 .006 .045 .067 .170 .375 1.110 .138
DIM.
A B C D E F G H I J K L
MIN. 12.57 4.32 9.65 19.61 33.91 0.08 0.89 1.45 3.18 9.27 27.69 3.00
TYP.
Ref. 1023153
5/6
LET9130
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is registered trademark of STMicroelectronics (R) 2003 STMicroelectronics - All Rights Reserved All other names are the property of their respective owners. Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A. http://www.st.com
6/6


▲Up To Search▲   

 
Price & Availability of LET9130

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X